Part Number Hot Search : 
MAX3264 ISP1520 N5401 2SD19 LTC35 M74ALS WP7113 ADC87H
Product Description
Full Text Search
 

To Download SIP5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIP5 Series 10-Tap High Performance Passive Delays
Fast Rise Time, Low DCR High Bandwidth 0.35 / tr Low Distortion LC Network 10 Equal Delay Taps Standard Impedances: 50 - 75 - 100 - 200 Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC
Electrical Specifications at 25OC
Delay Tolerances Total (ns) Tap-to-Tap (ns) 50 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time (ns) DCR max. (Ohms)
Operating Specifications - Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical Pulse Distortion (S) ...................................................... 3% typical Working Voltage ............................................. 25 VDC maximum Dielectric Strength .......................................... 100VDC minimum Insulation Resistance ......................... 1,000 M min. @ 100VDC Temperature Coefficient ............................... 100 ppm/ OC, typical Bandwidth (fC) ....................................................... 0.35/tr approx. Operating Temperature Range ............................ -55O to +125OC Storage Temperature Range ............................... -65 O to +150OC
SIP5-57 5 0.5 0.5 0.2 SIP5-55 2.0 0.7 2.1 0.8 SIP5-107 10 0.7 1.0 0.4 SIP5-105 3.2 0.7 3.6 0.8 SIP5-157 15 1.0 1.5 0.5 SIP5-155 3.4 0.8 4.1 1.2 SIP5-207 20 1.0 2.0 0.5 SIP5-205 4.0 0.8 4.4 1.3 SIP5-257 25 1.25 2.5 0.5 SIP5-255 4.5 0.9 5.3 1.5 SIP5-307 30 1.5 3.0 0.6 SIP5-305 5.5 1.0 5.8 1.7 SIP5-357 35 1.75 3.5 0.8 SIP5-355 6.6 1.2 7.2 2.0 SIP5-407 40 2.0 4.0 1.0 SIP5-405 7.0 1.2 7.5 2.0 SIP5-457 45 2.25 4.5 1.0 SIP5-455 8.2 1.3 8.2 2.1 SIP5-507 50 2.5 5.0 1.0 SIP5-505 8.5 1.3 8.5 2.1 SIP5-557 55 2.75 5.5 1.0 SIP5-555 10.2 1.6 11.2 2.2 SIP5-607 60 3.0 6.0 1.5 SIP5-605 10.5 1.6 11.4 2.3 SIP5-707 70 3.5 7.0 1.5 SIP5-705 11.0 1.7 13.0 2.6 SIP5-757 75 3.75 7.5 1.5 SIP5-755 11.6 1.9 15.0 2.8 SIP5-807 80 4.0 8.0 1.8 SIP5-805 12.0 1.9 15.3 2.9 SIP5-907 90 4.5 9.0 2.0 SIP5-905 14.0 2.0 17.3 3.0 100 5.0 10.0 2.0 SIP5-1005 18.0 2.1 SIP5-1007 19.5 3.1 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated to ground through RL=ZO Low-profile
SIP5-51 SIP5-101 SIP5-151 SIP5-201 SIP5-251 SIP5-301 SIP5-351 SIP5-401 SIP5-451 SIP5-501 SIP5-551 SIP5-601 SIP5-701 SIP5-751 SIP5-801 SIP5-901 SIP5-1001
2.2 3.8 4.1 4.6 5.5 5.8 7.3 7.5 8.3 8.5 11.4 11.5 13.0 15.3 15.5 17.5 20.0
0.8 0.8 1.3 1.5 1.7 2.0 2.2 2.2 2.3 2.3 2.4 2.5 2.8 3.0 3.0 3.1 3.2
SIP5-52 SIP5-102 SIP5-152 SIP5-202 SIP5-252 SIP5-302 SIP5-352 SIP5-402 SIP5-452 SIP5-502 SIP5-552 SIP5-602 SIP5-702 SIP5-752 SIP5-802 SIP5-902 SIP5-1002
2.4 5.5 6.3 8.5 9.0 10.0 13.0 13.4 15.2 15.5 16.0 16.2 17.0 19.1 19.5 20.0 24.0
0.9 1.0 1.5 1.5 2.2 2.4 2.5 3.0 3.1 3.3 3.5 3.6 3.7 3.8 4.0 4.2 4.4
DIP/SMD versions refer to AIZ Series !!! or DIL type TZB Series
10-Tap SIP5 Style Schematic
1 COM
2 N/C
3 IN
4 10%
5
6
7
8
9
10
11
12
13
14
20% 30% 40%
50% 60%
70% 80%
90% 100% COM
Dimensions in inches (mm)
1.455 (36.96) MAX. .275 (6.99) MAX. .030 (0.76) TYP. .020 .100 (2.54) (0.51) TYP. TYP. For other values & Custom Designs, contact factory. .120 (3.05) MIN.
SIP5 9901
.190 (4.83) MAX.
.010 (0.25) TYP.
Specifications subject to change without notice.
Rhombus Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971
www.rhombus-ind.com * email: sales@rhombus-ind.com


▲Up To Search▲   

 
Price & Availability of SIP5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X